|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Quadrature Hybrid, 7 - 14 MHz Features * * * * * * Octave Bandwidth Low VSWR: 1.2:1 Low Loss: 0.5 dB Max. Impedance: 50 Ohms Nominal Input Power: 4 Watts Max.@ 25C MIL-STD-202 Screening Available JH-/JHS-113 V3 FP-2 (JH-113) Description 3 dB Hybrids are ideal for dividing a signal into two signals of equal amplitude and a constant 90o or 180o phase differential and for Quadrature combining or performing summation/differential combining. SF-1 (JHS-113) Pin Configuration (JH-113) Pin No. 1 2 3 4 Function A GND GND B Pin No. 5 6 7 8 Function D GND GND C Pin Configuration (JHS-113) Pin No. 1 2 1 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. Function A B Pin No. 3 4 Function D C * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. Quadrature Hybrid, 7 - 14 MHz Electrical Specifications1: TA = -55C to +85C Parameter Insertion Loss Isolation Amplitude Balance VSWR Deviation from Quadrature 2 JH-/JHS-113 V3 Test Conditions Less Coupling -- -- -- -- Frequency 7 - 14 MHz 7 - 14 MHz 7 - 14 MHz 7 - 14 MHz 7 - 14 MHz Units dB dB dB Ratio Min -- 20 -- -- -- Typ -- -- -- -- -- Max 0.5 -- 0.75 1.2:1 3 1. All specifications apply with 50 ohm source and load impedance. 2. Average of coupled output less 3 dB. Phasing Diagram OUT IN A B C D ISO 0 -90 90 0 ISO ISO 0 -90 -90 0 ISO A B C D Typical Performance Curves All other pins and case are ground. 2 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. Quadrature Hybrid, 7 - 14 MHz Typical Performance Curves JH-/JHS-113 V3 Ordering Information Part Number JH-113 PIN JHS-113 PIN Package FP-2 SF-1 3 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. * North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. |
Price & Availability of JHS-113PIN |